Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102DEP Datasheet(PDF) 10 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 10 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 14Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 70 page
background image
10
Final
Version: DM9102D-DS-F01
May 10, 2006
5.7 NC Pins
Pin No.
128LQFP
Pin Name
I/O
Description
73,74,77,80,81,85,91,92,
93
NC
-
These pins are unused in application and should let them
unconnected.
5.8 strap pins table
1: pull-high 1K~10K,
0: default floating.
Pin No.
Pin Name
Description
72
BPCS#/EECS
Disable HP Auto-MDIX
1: HP Auto-MDIX disabled
0: HP Auto-MDIX enabled
75
IDSEL2
PCI multiple function
1: enable PCI multiple function
0: disable PCI multiple function
83
GNT2#
LED mode
1: LED mode 1
0: LED mode 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com