Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102DEP Datasheet(PDF) 24 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 24 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 28Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 70 page
background image
24
Final
Version: DM9102D-DS-F01
May 10, 2006
0
1
1
Move data from host memory to transmit FIFO
1
0
0
Close descriptor by clearing owner bit of descriptor
1
0
1
Waiting end of transmit
1
1
0
Transmit end and Close descriptor by writing status
1
1
1
Transmit process suspend
19:17
RXPS
000,RO
Receive Process State
These bits are read only and used to indicate the state of receive process. The
mapping table is shown below
Bit19 Bit18 Bit17
Process State
0
0
0
Receive process stopped
0
0
1
Fetch receive descriptor
0
1
0
Wait for receive packet under buffer available
0
1
1
Move data from receive FIFO to host memory
1
0
0
Close descriptor by clearing owner bit of descriptor
1
0
1
Close descriptor by writing status
1
1
0
Receive process suspended due to buffer unavailable
1
1
1
Purge the current frame from received FIFO
because of the unavailable received buffer
16
NIS
0,RW
Normal Interrupt Summary
Normal interrupt includes any of the three conditions:
CR5<0> – TXCI: Transmit Complete Interrupt
CR5<2> – TXDU: Transmit Buffer Unavailable
CR5<6> – RXCI: Receive Complete Interrupt
15
AIS
0,RW
Abnormal Interrupt Summary
Abnormal interrupt includes any interrupt condition as shown below, excluding
Normal Interrupt conditions. They are TXPS (bit1), TXJT (bit3), TXFU (bit5), RXDU
(bit7), RXPS (bit8), RXWT (bit9), SBE (bit13).
14
Reserved
0,RO
Reserved
13
SBE
0,RW
System Bus Error
The PCI system bus errors will set this bit. The type of system bus error is shown in
CR5<25:23>.
12
LINK
0,RW
Link Change Status
This bit is set to indicate that the link status changed in internal PHYceiver.
11:10
Reserved
0,RO
Reserved
9
RXWT
0,RW
Receive Watchdog Timer Expired
This bit is set to indicate that the receive watchdog timer has expired
8
RXPS
0,RW
Receive Process Stopped
This bit is set to indicate that the receive process enters the stopped state.
7
RXDU
0,RW
Receive Buffer Unavailable
This bit is set when the DM9102D fetches the next receive descriptor that is still
owned by the host. Receive process will be suspended until a new frame enters or
the receive polling command is set.
6
RXCI
0,RW
Receive Complete Interrupt
This bit is set when a received frame is fully moved into host memory and receive
status has been written to descriptor. Receive process is still running and continues to
fetch next descriptor.
5
TXFU
0,RW
Transmit FIFO Underrun
This bit is set when transmit FIFO has underrun condition during the packet
transmission. It may happen due to the heavy load on bus, cause transmit buffer
unavailable before end of packet. In this case, transmit process is placed in the
suspend state and underrun error TDES0<1> is set.
4
Reserved
0,RO
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com