Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102DEP Datasheet(PDF) 17 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 17 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 21Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 70 page
background image
Final
17
Version: DM9102D-DS-F01
May 10, 2006
6.1.8 Expansion ROM Base Address (xxxxxx30 - PCIROM)
31
0
1
ROM Base Address
R/W
10
Reserved
18
17
0000000
ROM Base Address
9
00000000
Bit
Default
Type
Description
31:10
00H
RW
ROM Base Address With 256K Boundary
PCIROM bit17~10 are hardwired to 0, indicating ROM Size is up to 256K Size
9:1
000000000
RO
Reserved Bits Read As 0
0
0
RW
Expansion ROM Decoder Enable/Disable
If this bit and the memory space access bit are both set to 1, the DM9102D will
respond to its expansion ROM
6.1.9 Capabilities Pointer (xxxxxx34H - Cap _Ptr)
31
0
7
8
Reserved
0
Capability Pointer
10 10 0
0
0
Bit
Default
Type
Description
31:8
000000H
RO
Reserved
7:0
01010000
RO
Capability Pointer
The Cap_ Ptr provides an offset (default is 50H) into the function’s PCI
Configuration Space for the location of the first term in the Capabilities Linked List.
The Cap_ Ptr offset is double word aligned so the two least significant bits are
always “0”s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com