Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102DEP Datasheet(PDF) 67 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 67 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 62Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 63Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 64Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 65Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 66Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 67Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 68Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 69Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 70Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 67 / 70 page
background image
Final
67
Version: DM9102D-DS-F01
May 10, 2006
9.7 Magnetics Selection Guide
•
Refer to the following tables 9-1 and 9-2 for
10/100M magnetic sources and specification
requirements. The magnetics which meets these
requirements are available from a variety of
magnetic manufacturers. Designers should test
and qualify all magnetic specifications before
using them in an application. The magnetics
listed
in
the
following
tables
are electrical
equivalents, but may not be pin-to-pin equivalents.
Manufacturer
Part Number
Pulse Engineering
PE-68515, H1078, H1012, H1102
Delta
LF8200, LF8221x
YCL
20PMT04, 20PMT05, PH163112 , YCL 0303
PH163539 *(Auto-MDIX)
Halo
TG22-3506ND, TD22-3506G1, TG22-S010ND, TG22-S012ND
TG110-S050N2
Nano Pulse Inc.
NPI 6181-37, NPI 6120-30, NPI 6120-37
NPI 6170-30
Fil-Mag
PT41715
Bel Fuse
S558-5999-01, S558-5999-W2
Valor
ST6114, ST6118
Macronics
HS2123,
HS2213
Bothhand
TS6121C,16ST8515,16ST1086
•
Table 9-1: 10/100M Magnetic Sources
Parameter
Values
Units
Test Condition
Tx / RX turns ratio
1:1 CT / 1:1
-
-
Inductance
350
µH ( Min )
-
Insertion loss
1.1
dB ( Max )
1 – 100 MHz
-18
dB ( Min )
1 –30 MHz
-14
dB ( Min )
30 – 60 MHz
Return loss
-12
dB ( Min )
60 – 80 MHz
-40
dB ( Min )
1 – 60 MHz
Differential to common mode
rejection
-30
dB ( Min )
60 – 100 MHz
Transformer isolation
1500
V
-
Table 9-2: Magnetic Specification Requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com