Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102DEP Datasheet(PDF) 28 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 28 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 32Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 70 page
background image
28
Final
Version: DM9102D-DS-F01
May 10, 2006
9
RXWTE
0,RW
Receive Watchdog Timer Expired Enable
When this bit and CR7<15>, (CR5<9> are set together, it enable the interrupt of the
condition of the receive watchdog timer expired.
8
RXPSE
0,RW
Receive Process Stopped Enable
When set together with CR7<15> and CR5<8>. This bit is set to enable the
interrupt of receive process stopped condition.
7
RXDUE
0,RW
Receive Buffer Unavailable Enable
When this bit and CR7<15>, CR5<7> are set together, it will enable the interrupt of
receive buffer unavailable condition.
6
RXCIE
0,RW
Receive Complete Interrupt Enable
When this bit and CR7<16>, CR5<6> are set together, it will enable the interrupt of
receive process complete condition.
5
TXFUE
0,RW
Transmit FIFO Underrun Enable
When set together with CR7<15>, CR5<5>, it will enable the interrupt of transmit
FIFO underrun condition.
4
Reserved
0,RO
Reserved
3
TXJTE
0,RW
Transmit Jabber Expired Enable
When this bit and CR7<15>, CR5<3> are set together, it enables the interrupt of
transmit Jabber Timer Expired condition.
2
TXDUE
0,RW
Transmit Buffer Unavailable Enable
When this bit and CR7<16>, CR5<2> are set together, the interrupt of transmit
buffer unavailable is enabled.
1
TXPSE
0,RW
Transmit Process Stopped Enable
When this bit is set together with CR7<15> and CR5<1>, it will enable the interrupt
of the transmit process to stop.
0
TXCIE
0,RW
Transmit Complete Interrupt Enable
When this bit and CR7<16>, CR5<0> are set, the transmit interrupt is enabled.
6.2.9 Statistical Counter Register (CR8)
Bit
Name
Default
Description
31
ROCO
0,RO/C
Receive Overflow Counter Overflow
This bit is set when the Purged Packet Counter (RXDU) has an overflow condition.
30:25
Reserved
0,RO
Reserved
24:17
RXDU
0,RO/C
Receive Purged Packet Counter
This is a statistic counter to indicate the purged received packet counts upon FIFO
overflow.
16
RXPS
0,RO/C
Receive Missed Counter Overflow
This bit is set when the Receive Missed Frame Counter (RXCI) has an overflow
condition.
15:7
Reserved
0,RO
Reserved
6:0
RXCI
0,RO/C
Receive Missed Frame Counter
This is a statistic counter to indicate the Receive Missed Frame Count when there
is a host buffer unavailable condition for receive process.
6.2.10 Management Access Register (CR9)
31 30 29 28 27 26 25 24 23 22 21 20 19 18
17 16 15 14 13 12 11 10
9
87
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com