Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102DEP Datasheet(PDF) 20 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 20 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 17Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 18Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 19Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 20Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 24Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 70 page
background image
20
Final
Version: DM9102D-DS-F01
May 10, 2006
6.1.13 Power Management Control/Status (xxxxxx54H~PMCSR)
Reserved
31
R/W
Reserved
R/W
Reserved
R/W
16
15
14
9
8
7
2
1 0
PME_Status
PME_En
Power_State
Bit
Default
Type
Description
31:16
0000H
RO
Reserved
15
0
RW/C
PME_ Status
This bit is set when the function would normally assert the PME# signal
independent of the state of the PME_ En bit. Writing a “1” to this bit will clear it.
This bit defaults to “0” if the function does not support PME# generation from D3
(cold).If the function supports PME# from D3 (cold) then this bit is sticky and must
be explicitly cleared by the operating system whenever the operating system is
initially loaded.
14:9
000000
RO
Reserved
It means that the DM9102D does not support reporting power consumption.
8
1
RW
PME_ En
Write “1” to enables the function to assert PME#, write “0” to disable PME#
assertion
This bit defaults to “0” if the function does not support PME# generation from D3
(cold)
If the function supports PME# from D3(cold) then this bit is sticky and must be
explicitly cleared by the operating system each time the operating system is
initially loaded.
7:2
000000
RO
Reserved
1:0
00
RW
This two bits field is both used to determine the current power state of a function
and to set the function into a new power state. The definitions given below
00: D0
11: D3 (hot)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com