Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102DEP Datasheet(PDF) 13 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 13 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 9Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 10Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 11Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 12Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 13Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 14Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 15Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 16Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 17Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 70 page
background image
Final
13
Version: DM9102D-DS-F01
May 10, 2006
Bit
Default
Type
Description
31
0
R/C
Detected Parity Error
The DM9102D samples the AD[0:31], C/BE[0:3]#, and the PAR signal to
check parity and to set parity errors. In slave mode, the parity check falls
on command phase and data valid phase (IRDY# and TRDY# both
active). In master mode, the DM9102D will check each data phase, during
a memory read cycle, for parity error. During a memory write cycle, if an
error occurs, the PERR# signal will be driven by the target. This bit is set
by the DM9102D and cleared by writing "1". There is no effect by writing
"0"
30
0
R/C
Signal For System Error
This bit is set when the SERR# signal is driven by the DM9102D. This
system error occurs when an address parity is detected under the
condition that bit 8 and bit 6 in command register below are set
29
0
R/C
Master Abort Detected
This bit is set when the DM9102D terminates a master cycle with the
master-abort bus transaction
28
0
R/C
Target Abort Detected
This bit is set when the DM9102D terminates a master cycle due to a
target-abort signal from other targets
27
0
R/C
Send Target Abort (0 for No Implementation)
The DM9102D will never assert the target-abort sequence
26:25
01
R/C
DEVSEL Timing (01 Select Medium Timing)
Medium timing of DEVSEL# means the DM9102D will assert DEVSEL#
signal two clocks after FRAME# is sample “asserted”
24
0
R/C
Data Parity Error Detected
This bit will take effect only when operating as a master and when a Parity
Error Response Bit in command configuration register is set. It is set under
two conditions:
(i) PERR# asserted by the DM9102D in memory data read error
(ii) PERR# sent from the target due to memory data write error
23
0
RO
Slave Mode Fast Back-To-Back Capable (0 for No Support)
This bit is always reads "1" to indicate that the DM9102D is capable of
accepting fast back-to-back transaction as a slave mode device
22
0
RO
User-Definable Feature Supported (0 for No Support)
21
0
RO
66 MHz (0 for No Capability)
20
1
RO
New Capability
This bit indicates whether this function implements a list of extended
capabilities such as PCI power management. This bit may be updated by
EEPROM. When set this bit indicates the presence of New Capability. A
value of 0 means that this function does not implement New Capability
19:10
0
RO
Reserved
9
0
RO
Master Mode Fast Back-To-Back (0 for No Support)
The DM9102D does not support master mode fast back-to-back
capability and will not generate fast back-to-back cycles
8
0
RW
SERR# Driver Enable/Disable
This bit controls the assertion of SERR# signal output. The SERR# output
will be asserted on detection of an address parity error and if both this bit
and bit 6 are set
7
0
RO
Address/Data Stepping (0 for No Stepping)
6
0
RW
Parity Error Response Enable/Disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com