Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102DEP Datasheet(PDF) 27 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 27 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 31Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 70 page
background image
Final
27
Version: DM9102D-DS-F01
May 10, 2006
4
IAFM
0,RO
Inverse Address Filtering Mode
It is set to indicate the DM9102D operate in Inverse filtering mode. This is a read
only bit and decoded from the setup frame of TDES1 bit 28 and bit 22.
3
PBF
0,RW
Pass Bad Frame
When set, the DM9102 is indicated that receiving the bad frames, including runt
packets and truncated frames, is caused by the FIFO overflow. The bad frame also
has to pass the address filtering if the DM9102D is not set in promiscuous mode.
2
HOFM
0,RO
Hash-only Filter Mode
It is set to indicate the DM9102D operate in Hash-only filtering mode. This is a read
only bit and decoded from the setup frame of TDES1 bit 28 and bit 22.
1
RXRC
0,RW
Receive Start/Stop Command
When set, receive process will begin by fetching the receive descriptor for available
buffer to store the new-coming packet (placed in the running state). If the fetched
descriptor is owned by the host (no descriptor is owned by the DM9102D), the
receive process will enter the suspend state and receive buffer unavailable
CR5<7> sets. Otherwise it runs to wait for the packet’s incoming. When reset,
receive process is placed in the stopped state after completing the reception of the
current frame.
0
HPFM
0,RO
Hash/Perfect Filter Mode
It is set to indicate the DM9102D operate in Hash-only or Hash filtering mode and it
is cleared to indicate the DM9102D operate in Perfect filtering mode. This is a read
only bit and decoded from the setup frame of TDES1 bit 28 and bit 22.
6.2.8 Interrupt Mask Register (CR7)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
98
7
6
54
3
2
1
0
Bit
Name
Default
Description
16
NISE
0,RW
Normal Interrupt Summary Enable
This bit is set to enable the interrupt for Normal Interrupt Summary.
Normal interrupt includes three conditions:
CR5<0> – TXCI: Transmit Complete Interrupt
CR5<2> – TXDU: Transmit Buffer Unavailable
CR5<6> – RXCI: Receive Complete Interrupt
15
AISE
0,RW
Abnormal Interrupt Summary Enable
This bit is set to enable the interrupt for Abnormal Interrupt Summary.
Abnormal interrupt includes all interrupt conditions as shown below, excluding
Normal Interrupt conditions. They are TXPS(bit1), TXJT(bit3), TXFU(bit5),
RXDU(bit7), RXPS(bit8), RXWT(bit9), SBE(bit13).
14
Reserved
0,RO
Reserved
13
SBEE
0,RW
System Bus Error Enable
When set together with CR7<15>, CR5<13>, it enables the interrupt for System
Bus Error. The type of system bus error is shown in CR5<24:23>.
12
LINKE
0,RW
Link Change Interrupt Enable
When this bit and CR7<16>, CR5<12> are set together, it will enable the interrupt
of link status changed condition.
11:10
Reserved
0,RO
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com