Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102DEP Datasheet(PDF) 40 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 40 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 37Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 43Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 44Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 70 page
background image
40
Final
Version: DM9102D-DS-F01
May 10, 2006
6.3.11 Power Down Control Register (PWDOR) – 13H
Bit
Bit Name
Default
Description
15:9
Reserved
0, RO
Reserved
Read as 0, ignore on write
8
PD10DRV
0, RW
Vendor powerdown control test
7
PD100DL
0, RW
Vendor powerdown control test
6
PDchip
0, RW
Vendor powerdown control test
5
PDcom
0, RW
Vendor powerdown control test
4
PDaeq
0, RW
Vendor powerdown control test
3
PDdrv
0, RW
Vendor powerdown control test
2
PDedi
0, RW
Vendor powerdown control test
1
PDedo
0, RW
Vendor powerdown control test
0
PD10
0, RW
Vendor powerdown control test
* when selected , the powerdown value is control by Register 20.0
6.3.12 Auot-MDI/MDIX Control Register – 14H
Bit
Bit Name
Default
Description
15:13
Reserved
0,RW
Reserved
11:8
Reserved
0, RO
Reserved
Read as 0, ignore on write
7
MDIX_CNTL
MDI/MDIX,RO The polarity of MDI/MDIX value
1: MDIX mode
0: MDI
mode
6
AutoNeg_dpbk
0,RW
Auto-negotiation loopback
1: test internal digital auto-negotiation loopback
0: normal.
5
Mdix_fix Value
0, RW
MDIX_CNTL force value:
When MDIX_DOWN = 1, MDIX_CNTL value depend on the
register value.
4
Mdix_do wn
0,RW
MDIX Down
Manual force MDI/MDIX.
0: Enable HP Auto-MDIX
1: Disable HP Auto-MDIX , MDIX_CNTL value depend on bit 5.
3:1
Reserved
0,RW
Reserved
0
PD_value
0,RW
Powerdown control value
Decide the value of
each field Register 13H.
1: powerdown
0: normal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com