Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102DEP Datasheet(PDF) 33 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 33 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 33Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 34Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 37Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
Final
33
Version: DM9102D-DS-F01
May 10, 2006
6.3.1 Basic Mode Control Register (BMCR) – 0
Bit
Name
Default
Description
15
Reset
0, RW/SC Reset:
1=Software reset
0=Normal operation
This bit resets the status and controls the PHY registers of the DM9102D to
their default states. This bit, which is self-clearing, will keep its value until the
reset process is completed
14
Loopback
0, RW
Loopback:
1=Loop-back enabled
0=Normal operation
When in 100Mbps operation mode, setting this bit may cause the
descrambler to lose synchronization and produce a 720ms "dead time" before
any valid data to the MAC.
13
Speed Selection
1, RW
Speed Select:
1=100Mbps
0=10Mbps
Link speed may be selected either by this bit or by Auto-negotiation. When
Auto-negotiation is enabled and bit 12 is set, this bit will reflect Auto-
negotiation selected media type.
12
Auto-negotiation
Enable
1, RW
Auto-negotiation Enable:
1= Auto-negotiation enabled: bit 8 and 13 will report Auto-negotiation status
0= Auto-negotiation disabled: bit 8 and 13 will determine the link speed and
duplex mode
11
Power Down
0, RW
Power Down:
Setting this bit will power down the internal PHY except crystal / oscillator
circuit.
1=Power Down
0=Normal Operation
10
Reserved
0,RO
Reserved.
Write as 0, ignore on read.
9
Restart
Auto-negotiation
0,RW/SC
Restart Auto-negotiation:
1= Restart Auto-negotiation. Re-initiates the Auto-negotiation process. When
Auto-negotiation is disabled (bit 12 of this register cleared), this bit has no
function and it should be cleared. This bit is self-clearing and it will keep
its value until Auto-negotiation is initiated by the DM9102D. The operation of
the
Auto-negotiation
process
will
not
be
affected
by
the
management entity that clears this bit.
0= Normal Operation
8
Duplex Mode
1,RW
Duplex Mode:
1= Full Duplex operation. Duplex selection is allowed when Auto-negotiation is
disabled (bit 12 of this register is cleared). With Auto-negotiation enabled, this
bit reflects the duplex capability selected by Auto-negotiation.
0= Normal operation
7
Collision Test
0,RW
Collision Test:
1= Collision Test enabled. When set in half duplex mode, the DM9102D will
enter collision state if packet transmission is in progress.
0= Normal Operation
6:0
Reserved
<0000000>,
RO
Reserved. Write as 0, ignore on read
6.3.2 Basic Mode Status Register (BMSR) – 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com