Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102DEP Datasheet(PDF) 26 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 26 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 30Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 70 page
background image
26
Final
Version: DM9102D-DS-F01
May 10, 2006
15:14
TSB
0,RW
Threshold Bits
These bits are set together with CR6 [22] and will decide the exact FIFO threshold
level. The packet transmission will start after the data in the FIFO exceeds the
threshold value.
Bit 22
Bit15
Bit14
Threshold
0
0
0
128 bytes
0
0
1
256 bytes
0
1
0
512 bytes
0
1
1
1024 bytes
1
0
0
64 bytes
1
0
1
128 bytes
1
1
0
192 bytes
1
1
1
256 bytes
13
TXSC
0,RW
Transmit Start/Stop Command
When set, the transmit process will begin by fetching the transmit descriptor for
available packet data to be transmitted (running state). If the fetched descriptor is
owned by the host, transmit process will enter the suspend state and transmit buffer
unavailable (CR5<2>) is set. Otherwise it will begin to move data from host to
FIFO and transmit out after reaching threshold value.
When reset, the transmit process is placed in the stopped state after completing the
transmission of the current frame.
12
FCM
0,RW
Force Collision Mode
When set, the transmission process is forced to be the collision status. Meaningful
only in the internal loop-back mode.
11:10
LBM
0,RW
Loop-back Mode
These bits decide two loop-back modes, MAC and PHY, besides normal
operation. These loop-back modes expect transmitted data back to receive path
and ignore collision detection.
Bit11
Bit10
Loop-back Mode
0
0
Normal
0
1
Internal loop-back
1
0
Internal PHY digital loop-back
1
1
Internal PHY analog loop-back
9
FDM
0,RW
Full-duplex Mode
When internal PHY is selected, this bit is the status of full-duplex mode of internal
PHY.
When external PHY is selected, set this bit to make the MAC of the DM9102D
operate in the full-duplex mode.
8
Reserved
0,RO
Must be Zero
7
PAM
0,RW
Pass All Multicast
When set, any packet with a multicast destination address is received by the
DM9102D. The packet with a physical address will also be filtered based on the
filter mode setting
6
PM
0,RW
Promiscuous Mode
When set, any incoming valid frame is received by the DM9102D, and no matter
what the destination address is. The DM9102D is initialized to this mode after reset
operation.
5
Reserved
0,RO
Must be Zero



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com