Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102DEP Datasheet(PDF) 25 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 25 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 21Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 22Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 23Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 24Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 25Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 26Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 29Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 70 page
background image
Final
25
Version: DM9102D-DS-F01
May 10, 2006
3
TXJT
0,RW
Transmit Jabber Expired
This bit is set when the transmitted data is over 2048 byte
Transmit process will be aborted and placed in the stop state. It also causes transmit
jabber timeout TDES0<14> to assert.
2
TXDU
0,RW
Transmit Buffer Unavailable
This bit is set when the DM9102D fetches the next transmit descriptor that is still
owned by the host. Transmit process will be suspended until the transmission polling
command is set.
1
TXPS
0,RW
Transmit Process Stopped
This bit is set to indicate transmit process enters the stopped state.
0
TXCI
0,RW
Transmit Complete Interrupt
This bit is set when a frame is fully transmitted and transmit status has been written to
descriptor (the TDES1<31> is also asserted). Transmit process is still running and
continues to fetch next descriptor.
6.2.7 Network Operation Mode Register (CR6)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
987
6
54
3
2
1
0
0
00
1
1
0
0
00
0
0
Bit
Name
Default
Description
31
Reserved
0,RO
Must be Zero
30
RXA
0,RW
Receive All
When set, all incoming packet will be received, regardless the destination address.
The address match is checked according to theCR6<7>, CR6<6>, CR6<4>,
CR6<2>, CR6<0>, and RDES0<30> will show this match
29
NPFIFO
0,RW
Set to not purge RX FIFO for test only if RX buffer unavailable.
28:26
Reserved
000,RO
Must be Zero
25
Reserved
1,RO
Must be One
24:23
Reserved
00,RO
Must be Zero
22
TXTM
1,RW
Transmit Threshold Mode
When set, the transmit threshold mode is 10Mb/s. When reset, the threshold mode
is 100Mb/s. This bit is used together with CR6<15:14> to decide the exact
threshold level.
21
SFT
0,RW
Store and Forward Transmit
When set, the packet transmission will be started after a full frame has been moved
from the host memory to transmit FIFO. When reset, the packet transmission’s start
will depend on the threshold value specified in CR6<15:14>.
20
Reserved
0,RW
Reserved
19
Reserved
0,RW
Reserved
18
External
MII_ Mode
1,RW
In external MII mode, use this bit to enable or disable internal PHY
See page 56 “7.8 External MII Interface” for details.
17
Reserved
0,RO
Reserved
16
1PKT
0,RW
One Packet Mode
When this bit is set, only one packet is stored at TX FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com