Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102DEP Datasheet(PDF) 53 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 53 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 49Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 50Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 51Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 52Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 53Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 54Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 55Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 56Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 57Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 70 page
background image
Final
53
Version: DM9102D-DS-F01
May 10, 2006
7.6 Sample Frame Programming Guide:
1. Enter the sample frame access mode:
Set CR6<28:25>=0011
2.Reset the TX/RX FIFO, write pointer to offset 0:
Write 38H to CR13<8:3>
Write 01h to CR14 (reset)
Write 00h to CR14 (clear)
3. Write the sample frame 0-3 data to RX FIFO:
Write 35H to CR13<8:3>
Write xxxxxxxxh to CR14 (Frame1~3 first byte)
Write xxxxxxxxh to CR14 (Frame1~3 second byte)
:
:
Repeat write until all frame data written to RX FIFO
4. Reset RX FIFO, write pointer to offset 080H:
Write 38H to CR13<8:3>
Write 40H to CR14 (reset)
Write 00H to CR14 (clear)
5. Write the sample frame 4-7 to RX FIFO:
Write 35H to CR13<8:3>
Write xxxxxxxxh to CR14 (Frame4~7 first byte)
Write xxxxxxxxh to CR14 (Frame4~7 second byte)
:
:
Repeat write until all frame data written to RX FIFO
6. Write the sample frame 0-3 mask to TX FIFO:
Write 32H to CR13<8:3>
Write xxxxxxxxh to CR14 (Frame0~3 first mask byte)
Write xxxxxxxxh to CR14 (Frame0~3 second mask byte)
:
:
Repeat write until all frame mask which is written to TX
FIFO
7. Reset TX FIFO, write pointer to offset 080H:
Write 38H to CR13<8:3>
Write 20H to CR14 (reset)
Write 00H to CR14 (clear)
8. Write the sample frame 4-7 mask to TX FIFO:
Write 32H to CR13<8:3>
Write xxxxxxxxh to CR14 (Frame4~7 first mask byte)
Write xxxxxxxxh to CR14 (Frame4~7 second mask byte)
:
:
Repeat write until all frame mask is written to TX
FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com