Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102DEP Datasheet(PDF) 66 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 66 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 62Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 63Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 64Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 65Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 66Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 67Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 68Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 69Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 70Page - Davicom Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 66 / 70 page
background image
66
Final
Version: DM9102D-DS-F01
May 10, 2006
9.6 Power Plane Partitioning
•
The power planes are approximately illustrated in
Figure 9-4. The ferrite bead used should have an
impedance 100Ω at 100MHz and 250mA above.
A suitable bead is the Panasonic surface mound
bead,
part
number
EXCCL4532U
or
an
equivalent. 10 μ F, 0.1 μ F and 0.01 μ F
electrolytic
bypass
capacitors
should
be
connected between VDD and GND at each side
of the ferrite bead.
•
Separate analog power planes from noisy logic
power planes.
Figure 9-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com