Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102DEP Datasheet(PDF) 35 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 35 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 33Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 34Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 35Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 36Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 37Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 39Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 70 page
background image
Final
35
Version: DM9102D-DS-F01
May 10, 2006
The PHY Identifier Register#1 and Register#2 work together in a single identifier of the DM9102D. The Identifier consists of a
concatenation of the Organizationally Unique Identifier (OUI), a vendor's model number, and a model revision number.
DAVICOM Semiconductor's IEEE assigned OUI is 00606E.
Bit
Name
Default
Description
15:.0
OUI_MSB
<0181H>,
RO/P
OUI Most Significant Bits:
This register stores bit 3 to 18 of the OUI (00606E) to bit 15 to 0 of this register
respectively. The most significant two bits of the OUI are ignored (the IEEE
standard refers to these as bit 1 and 2)
6.3.4 PHY Identifier Register #2 (PHYIDR2) - 3
Bit
Name
Default
Description
15:10
OUI_LSB
<101110>,
RO/P
OUI Least Significant Bits:
Bit 19 to 24 of the OUI (00606E) are mapped to bit 15 to 10 of this register
respectively
9:.4
VNDR_MDL
<001010>,
RO/P
Vendor Model Number:
Six bits of vendor model number mapped to bit 9 to 4 (most significant bit to bit
9)
3:0
MDL_REV
<0000>,
RO/P
Model Revision Number:
Four bits of vendor model revision number mapped to bit 3 to 0 (most
significant bit to bit 3)
6.3.5 Auto-negotiation Advertisement Register (ANAR) – 4
This register contains the advertised abilities of this DM9102D device as they will be transmitted to its link partner during
Auto-negotiation.
Bit
Name
Default
Description
15
NP
0,RO/P
Next Page Indication:
0=No next page available
1=Next page available
The DM9102D has no next page, so this bit is permanently set to 0
14
ACK
0,RO
Acknowledge:
1=Link partner ability data reception acknowledged
0=Not acknowledged
The DM9102D's Auto-negotiation state machine will automatically control this
bit in the outgoing FLP bursts and set it at the appropriate time during the
Auto-negotiation process. Software should not attempt to write to this bit.
13
RF
0, RW
Remote Fault:
1=Local Device senses a fault condition
0=No fault detected
12:11
Reserved
00, RW
Reserved:
Write as 0, ignore on read
10
FCS
0, RW
Flow Control Support:
1=Controller chip supports flow control ability.
0=Controller chip doesn’t support flow control ability.
9
T4
0, RW
100BASE-T4 Support:
1=100BASE-T4 is supported by the local device.
0=100BASE-T4 is not supported.
The DM9102D does not support 100BASE-T4 so this bit is 0 permanently
8
TX_FDX
1, RW
100BASE-TX Full Duplex Support:
1=100BASE-TX Full Duplex is supported by the local device.
0=100BASE-TX Full Duplex is not supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com