Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102DEP Datasheet(PDF) 43 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 43 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 43Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 44Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 45Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 46Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 47Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 70 page
background image
Final
43
Version: DM9102D-DS-F01
May 10, 2006
Bit 6: LCS: Late Collision Seen
It is set to indicate a late collision found during the frame
reception. Valid only when ED is set.
Bit 5: FT, Frame Type or IP packet
If CR15 bit 27 is set, this bit present the flag that this is IP
packet; otherwise
it is set to indicate the received frame is the Ethernet-type. It
is reset to indicate that the received frame is the EEE802.3-
type. Valid only when ED is set
Bit 4: RWT, Receive Watchdog Time-Out or TCP packet
If CR15 bit 27 is set, this bit present the flag that this is TCP
packet; otherwise
it is set to indicate the received watchdog time-out during the
frame reception. CR5<9> will also be set. Valid only when
ED is set.
Bit 3: PLE, Physical Layer Error or UDP packet
If CR15 bit 27 is set, this bit present the flag that this is UDP
packet; otherwise
it is set to indicate a physical layer error found during the
frame reception.
Bit 2: AE, Alignment Error
It is set to indicate the received frame ends with a non-byte
boundary.
Bit 1: CE, CRC Error
It is set to indicate the received frame ends with a CRC
error. Valid only when ED is set.
Bit 0: FOE, FIFO Overflow Error
This bit is valid only when End Descriptor is set. (ED = 1). It
is set to indicate a FIFO overflow error happens during the
frame reception.
RDES1: Descriptor Status and Buffer Size
31 30 29 28 27 26 25 24 23 22
21 ~ 11
10 ~ 0
C
E
Buffer Length
Bit 24: Must be 1.
Bit 10-0: Buffer Length
Indicates the size of the buffer.
RDES2: Buffer Starting Address
Indicates the physical starting address of buffer. This address must be double word aligned.
31
0
Buffer Address
RDES3: Next descriptor Address
Indicates the physical starting address of the chained descriptor under the Chain descriptor structure.
This address must be eight-word aligned.
31
0
Next descriptor Address
(b). Transmit Descriptor Format
Each transmit descriptor has four double word content
and may be read or written by the host or by the DM9102D.
The descriptor format is shown below with detailed
description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com