Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102DEP Datasheet(PDF) 48 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 48 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 44Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 45Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 46Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 47Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 48Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 49Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 50Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 51Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 52Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
48
Final
Version: DM9102D-DS-F01
May 10, 2006
7.2.3 Transmit Data Buffer Processing
Refer to Figure 7-3. When start/stop transmit command is
set and the DM9102D is in running state, transmit process
polls
transmit
descriptor
list
for
frames
requiring
transmission. When it completes a frame transmission, the
status related to the transmitted frame will be written into the
transmit descriptor. If the DM9102D detects a descriptor
flagged as owned by the host and no transmit buffers are
available, transmit process will be suspended. While in the
running state, transmit process can simultaneously acquire
two frames. As transmit process completes copying the first
frame, it immediately polls transmit descriptor list for the
second frame. If the second frame is valid, transmit process
copies the frame before writing the status information of the
first frame.
Both conditions will make transmit process suspend. (i) The
DM9102D detects a descriptor owned by the host. (ii) A
frame transmission is aborted when a locally induced error is
detected. Under either condition, the host driver has to
service the condition before the DM9102D can resume.
Transmit Buffer Management State Transition
Figure 7-3
Stop State
Descriptor
Access
Data
Transfer
Write
Status
Suspended
Buffer Available
( OWN bit = 1 )
Frame Fully Transmited
Start Transmit Command or
Transmit Poll Command
Under FIFO Threshold
Buffer not Empty
Buffer Empty
Transmit Buffer Unavailable
( Owned By Host )
Transmit Poll
Stop Transmit Command or
Reset Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com