Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102DEP Datasheet(PDF) 65 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 65 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 61Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 62Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 63Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 64Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 65Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 66Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 67Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 68Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 69Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 70 page
background image
Final
65
Version: DM9102D-DS-F01
May 10, 2006
9.5 Ground Plane Layout
•
Place
a
single
ground
plane
approach
to
minimize EMI. Bad ground plane partitioning can
cause more EMI emissions that could make the
network interface card (NIC) not compliant with
specific FCC part 15 and CE regulations.
•
The ground plane must be separated into Analog
ground domain and Digital ground domain. The
line which connects the analog ground domain
and digital ground domain should be far away
from the AGND pins of DM9102D (see Figure
9-4-1).
•
All AGND pins (pin 100, 107, 108) could not
directly short each other (see Figure 9-4-3). It
must be directly connected to the analog ground
domain (see Figure 9-4-2).
•
The analog ground domain area is as large as
possible
Figure 9-4-1
Analog ground domain
Digital ground domain
AGND
AGND
AGND
Better
Analog ground domain
Digital ground domain
AGND
AGND
AGND
Worse! AGND direct short
Figure 9-4-2
Figure 9-4-3
25MHz
X'tal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com