Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102DEP Datasheet(PDF) 52 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 52 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 48Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 49Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 50Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 51Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 52Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 53Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 54Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 55Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 56Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 70 page
background image
52
Final
Version: DM9102D-DS-F01
May 10, 2006
The operational sequence from D0 to D3 should be:
Stop TX/RX process
wait for entering stop state
set
test mode, CR6<28:25> = 0011
programming FIFO
contents
exit test mode
enter D3 (hot) state
The sample frame data comparison is completed when the
received frame data has exceeded the programmed frame
length or when the whole packet has been fully received.
The operation procedure is shown below.
CR13: Sample Frame Access Register
Name
General definition
Bit8:3
Type
TxFIFO
Transmit FIFO access port
32h
R/W
RxFIFO
Receive FIFO access port
35h
RW
DiagReset
General reset for diagnostic pointer port
38h
RW
In DiagReset port there are 7 bits:
Bit 0: Clear TX FIFO write_ address to 0
Bit 1: Clear TX FIFO read_ address to 0
Bit 2: Clear RX FIFO write_ address to 0
Bit 3: Clear RX FIFO read_ address to 0
Bit 4: Reserved
Bit 5: Set TX FIFO write_ address to 080H
Bit 6: Set RX FIFO write_ address to 080H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com