Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102DEP Datasheet(PDF) 31 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 31 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 27Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 28Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 29Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 30Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 31Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 32Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 33Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 34Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 35Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 70 page
background image
Final
31
Version: DM9102D-DS-F01
May 10, 2006
6.2.12 Sample Frame Access Register (CR13) (reference to section 7.5 Power Management)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
98
7
6
5
4
3
2
1
0
Register
General definition
bit8 ~ 3
R/W
TxFIFO
Transmit FIFO access port
32H
R/W
RxFIFO
Receive FIFO access port
35H
R/W
DiagReset General reset for diagnostic pointer port
38H
W
6.2.13 Sample Frame Data Register (CR14) (reference to section 7.5 Power Management)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
98
7
6
5
4
3
2
1
0
6.2.14 Watchdog and Jabber Timer Register (CR15)
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
98
7
6
5
4
3
2
1
0
Bit
Name
Default
Description
31
TXSUMC
0,WO
in transmit, generate IP/TCP/UDP chksum depend-on TX desc. control
30
IPSUM
0,WO
in transmit, generate IP chksum to all packets
29
TCPSUM
0,WO
in transmit, generate TCP chksum to all packets
28
UDPSUM
0,WO
in transmit, generate UDP chksum to all packets
27
RXSUM
0,WO
In receiving, report IP/TCP/UDP checksum status to RDES0
26:15
Reserved
0,RO
Reserved
14
TXP0
0,RW
Transmit pause packet
Set to transmit pause packet with pause timer = 0000h, this bit will be cleared if the
pause packet had transmitted.
13
TXPF
0,RW
Transmit pause packet
Set to transmit pause packet with pause timer = FFFFh, this bit will be cleared if the
pause packet had transmitted.
12:11
Reserved
0,RO
Reserved
10
FLCE
0,RW
Flow Control Enable
Set to enable the decode of the pause packet.
9
RXPS
0,R/C
The latched status of the decode of the pause packet.
8
Reserved
0,RO
Reserved.
7
RXPCS
0,RO
It is set to indicate that the current pause timer of pause packet is not down count to
zero yet.
6
VLAN
0,RW
VLAN length Capability Enable
It is set to enable the VLAN length mode and will not report the frame_too_long bit
status to RDES0 if receive packet size under 1526-byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com