Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102DEP Datasheet(PDF) 41 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 41 Page - Davicom Semiconductor, Inc.

Back Button DM9102DEP Datasheet HTML 37Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 38Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 39Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 40Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 41Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 42Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 43Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 44Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 45Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 70 page
background image
Final
41
Version: DM9102D-DS-F01
May 10, 2006
7. Functional Description
7.1 System Buffer Management
7.1.1 Overview
The data buffers for reception and the transmission of data
reside in the host memory. They are addressd by the
descriptor list that is also located in another region of the
host memory. All actions for the buffer management are
operated by the DM9102D in conjunction with the software
driver. The data structures and processing algorithms are
described in the following text.
7.1.2 Data Structure and Descriptor List
There are two types of buffers that reside in the host
memory, the transmit buffer and the receive buffer. The
buffers are composed of many distributed regions in the
host memory. They are linked together and controlled by the
descriptor lists that reside in another region of the host
memory. The descriptor list is a chain structure. The content
of each descriptor includes pointer to the buffer, size of the
buffer, command and status for the packet to be transmitted
or received. Each descriptor list starts from the address
setting of CR3 (receive descriptor base address) and CR4
(transmit descriptor base address). Refer to Figure 7-1.
7.1.3 Buffer Management -- Chain Structure Method
As the Chain structure depicted below, each descriptor
contains two pointers, one point to a single buffer and the
other to the next descriptor chained. The first descriptor is
chained to the last descriptor under host driver’s control to
form a looped chain. With this structure, a descriptor can be
allocated anywhere in host memory and is chained to the
next descriptor.
Buffer 1
Buffer 1
Descriptor 1
Descriptor N
Packet N
control
buffer address 1
status
own
not valid
next descriptor address
buffer 1 length
Figure 7-1
7.1.4 Descriptor List: Buffer Descriptor Format
(a). Receive Descriptor Format
Each receive descriptor has four double word entries and
may be read or written by the host or the DM9102D. The
descriptor format is shown below with a detailed functional
description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com