Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM9102DEP Datasheet(PDF) 4 Page - Davicom Semiconductor, Inc.

Part # DM9102DEP
Description  Single Chip Fast Ethernet NIC Controller
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAVICOM [Davicom Semiconductor, Inc.]
Direct Link  http://www.davicom.com.tw
Logo DAVICOM - Davicom Semiconductor, Inc.

DM9102DEP Datasheet(HTML) 4 Page - Davicom Semiconductor, Inc.

  DM9102DEP Datasheet HTML 1Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 2Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 3Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 4Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 5Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 6Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 7Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 8Page - Davicom Semiconductor, Inc. DM9102DEP Datasheet HTML 9Page - Davicom Semiconductor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
DM9102D
Single Chip Fast Ethernet NIC Controller
4
Final
Version: DM9102D-DS-F01
May 10, 2006
3. Features
Integrated Fast Ethernet MAC, Physical Layer and
transceiver in one chip.
128 pin LQFP with CMOS process.
+2.5/3.3V Power supply with +5V tolerant I/O.
Comply with PCI specification 2.2.
PCI bus master architecture.
PCI bus burst mode data transfer.
Two large independent transmission and receipt FIFO.
Up to 256K bytes Boot EPROM or Flash interface.
EEPROM 93C46 interface automatically supports node
ID load and configuration information.
Comply with IEEE 802.3u 100Base-TX and 802.3
10Base-T.
Comply with IEEE 802.3u auto-negotiation protocol for
automatic link type selection.
Support IEEE 802.3x Full Duplex Flow Control.
VLAN frame length support.
IP/TCP/UDP checksum generation and checking.
Zero copy supporting.
Comply with ACPI and PCI Bus Power Management.
Support the MII (Media Independent Interface) for an
external PHY.
Support Wake-On-LAN function and remote wake-up
(Magic packet, Link Change and Microsoft
® wake-up
frame).
Support 4 Wake-On-LAN (WOL) signals (active high
pulse, active low pulse, active high, active low.)
High performance 100Mbps clock generator and data
recovery circuit.
Digital clock recovery circuit, using advanced digital
algorithm to reduce jitter.
Adaptive equalization circuit and Baseline wandering
restoration circuit for 100Mbps receiver.
Provides Loopback mode for easy system diagnostics.
Support HP Auto-MDIX.
Low power consumption modes:
- Power reduced mode (cable detection)
- Power down mode
- Selectable TX drivers for 1:1 or 1.25:1 transformers for
additional power reduction. (1.25:1 transformers for
Non Auto-MDIX only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com