Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPD0-DS Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 17Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 18Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 19Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 20Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 21Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 22Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 23Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 24Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
Block Diagram
21
V 04
Block Diagram
The C-5TM network processor, has an architecture specifically designed for networking
applications. Figure 1 shows a block diagram of the C-5 NP, including its potential external
interfaces. The following sections describe each component of the C-5 NP.
For more information about the architecture of the C-5 NP, see the C-5 Network Processor
Architecture Guide.
Figure 1 C-5 Network Processor Block Diagram
The main components of the C-5 NP are:
• Channel Processors
• Executive Processor
• Fabric Processor
• Buffer Management Unit
• Table Lookup Unit
• Queue Management Unit
PHY
PHY
PHY
PHY
PHY
PHY
PHY
PHY
Buses (60Gbps Bandwidth)
Cluster
Cluster
CP-1
CP-0
CP-2
CP-3
CP-12 CP-13 CP-14 CP-15
External
Host CPU
(optional)
OC-3
PHY Interface Examples:
OC-12
Gigabit Ethernet
10/100 Ethernet
External
PROM
(optional)
Control
Logic
(optional)
Fabric
Processor Boundary
Buffer
Mgmt
Unit
Channel
Processors
SDRAM
C-5
NP
SRAM
SRAM
Table
Lookup
Unit
Fabric
Processor
Executive Processor
Queue
Mgmt
Unit
PCI
Serial
PROM
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com