Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPD0-DS Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 18Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 19Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 20Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 21Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 22Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 23Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 24Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 25Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 100 page
background image
22
CHAPTER 1: FUNCTIONAL DESCRIPTION
C5NP
Channel Processors
The C-5 NP contains sixteen programmable Channel Processors (CPs) that receive,
process, and transmit network data. The number of CPs per port is configurable,
depending on the line interface. Typically one CP is assigned to each port for medium
bandwidth applications (Fast Ethernet to OC-3). Multiple CPs can be assigned to a port in
a configuration called channel aggregation in high bandwidth applications (greater than
OC-3). Multiple logical ports can be assigned to a single CP, with the addition of an
external multiplexor, for low bandwidth applications, such as DS1 to DS3.
The C-5 NP’s architecture supports a variety of industry-standard serial and parallel
protocols and individual port data rates including:
• 10Mb Ethernet (RMII)
• 100Mb Ethernet (RMII)
• 1Gb Ethernet (GMII and TBI)
• OC-3
• OC-12
• DS1/DS3, supported through the use of external framers/multiplexors
The C-5 NP’s programmability can also support a variety of special interfaces, such as
various xDSL encapsulations and proprietary protocols.
Key components of each CP are a RISC Core (CPRC) that orchestrates cell/packet
processing and a set of microprogrammable, special-purpose processors, called Serial
Data Processors (SDPs), that provide features such as Ethernet MAC and SONET framing,
multichannel HDLC, and ATM cell delineation. This means you usually only need to
include PHYs to complete the system.
Executive Processor
The Executive Processor (XP) serves as a centralized computing resource for the C-5 NP
and manages the system interfaces.
The XP performs conventional supervisory tasks in the C-5 NP, including:
• Reset and initialization of the C-5 NP
• Program loading and control of CPs
• Centralized exception handling
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com