Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPD0-DS Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 13Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 14Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 15Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 16Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 17Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 18Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 19Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 20Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 100 page
background image
Related Product Documentation
17
V 04
Related Product
Documentation
The following table lists the C-5 and CST documentation set. Find the latest editions of
these documents for your installed CST version in the Support section of the C-Port
Corporation web site:
October 1, 2001
Chapter 2 contains the following revisions:
• LVTTL and LVPECL conform to the JEDEC
JESD8-BSpecification
• Table 3 changed to note LVPECL differential signal
• Table 10 LVPECL change
• Table 11 CPn_6 and CPn+1_6 changed
• Table 21 changed to reflect pin G14 used for signal MDQML
• Table 27 changed to reflect total number of NC pins for D0
• Table 28 changed to reflect G14 receiving signal MDQML
• C-Port web site support address added
Chapter 3 contains the following revisions
• Table 32 Storage / max junction temperatures added
• Table 34 LVPECL high and low voltage min / max added
• Table 36 Power dissipation, P
D min, max, typical changed
Chapter 4 contains the following revisions
• Added “Marking Codes”
• Added “Reflow” profile
23
23
31
31
32
42
48
61
63
65
67
91
91
September 9, 2002 Chapter 1 contains the following revisions:
• Table 4 contain revised TLU SRAM Configuration
specifications
Chapter 2 contains the following revisions:
• TLU SRAM Interface Signals: Table 24 and Table 25 changed
to reflect Memory Bank Selection
Chapter 3 contains the following revisions:
• Table 50, Table 51 and Table 53 contain revised timing
specifications
25
49
87 thru 90
Table 2 C-5 Network Processor Data Sheet Revision History
REVISION DATE
CHANGE
PAGE NO.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com