Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPD0-DS Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 32Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 33Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 34Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 35Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 36Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 37Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 38Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 39Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 100 page
background image
36
CHAPTER 2: SIGNAL DESCRIPTIONS
C5NP
use and Figure 3 shows receive and transmit pin configurations by cluster. Table 11 shows
the signals and pinouts for a single cluster for Gigabit Ethernet and Fibre Channel TBI.
The unused pins for the two cluster configurations should be wired down using a resistor.
Table 11 Gigabit Ethernet and Fibre Channel TBI Signals Example
SIGNAL NAME*
PIN #†
TOTAL
TYPE
I/O
LABEL
SIGNAL DESCRIPTION
CPn_0
Table 6 1
LVTTL
O
TCLK
Transmit Clock (125MHz). This clock is used to synchronize the
transmit data.
CPn_1
Table 6 1
nc
nc
nc
nc
CPn_2
Table 6 1
LVTTL
O
TXD(9)
Transmit Data (ten bits wide, last on wire)
CPn_3
Table 6 1
LVTTL
O
TXD(8)
Transmit Data
CPn_4
Table 6 1
LVTTL
O
TXD(7)
Transmit Data
CPn_5
Table 6 1
LVTTL
O
TXD(6)
Transmit Data
CPn_6
Table 6 1
LVTTL
O
TXD(1)
Transmit Data
CPn+1_0
Table 6 1
nc
nc
nc
nc
CPn+1_1
Table 6 1
nc
nc
nc
nc
CPn+1_2
Table 6 1
LVTTL
O
TXD(5)
Transmit Data
CPn+1_3
Table 6 1
LVTTL
O
TXD(4)
Transmit Data
CPn+1_4
Table 6 1
LVTTL
O
TXD(3)
Transmit Data
CPn+1_5
Table 6 1
LVTTL
O
TXD(2)
Transmit Data
CPn+1_6
Table 6 1
LVTTL
O
TXD(0)
Transmit Data (ten bits wide, first on wire)
CPn+2_0
Table 6 1
nc
nc
nc
nc
CPn+2_1
Table 6 1
LVTTL
I
RCLK
Receive Clock (62.5 MHz)
CPn+2_2
Table 6 1
LVTTL
I
RXD(9)
Receive Data (ten bits wide, last on wire)
CPn+2_3
Table 6 1
LVTTL
I
RXD(8)
Receive Data
CPn+2_4
Table 6 1
LVTTL
I
RXD(7)
Receive Data
CPn+2_5
Table 6 1
LVTTL
I
RXD(6)
Receive Data
CPn+2_6
Table 6 1
LVTTL
I
RXD(1)
Receive Data
CPn+3_0
Table 6 1
nc
nc
nc
nc
CPn+3_1
Table 6 1
LVTTL
I
RCLKN
Receive Clock Inverted
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com