Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPD0-DS Datasheet(PDF) 96 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 96 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 92Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 93Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 94Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 95Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 96Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 97Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 98Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 99Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 100Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 96 / 100 page
background image
98
INDEX
C5NP
Bringup Clock Timing 70
DS1/DS3 Ethernet Timing 76
Fabric Processor Timing 87
Gigabit Ethernet (TBI) Timing 78
Low Speed Serial Interface Timing 85
MDIO Serial Interface Timing 84
OC-3 Timing 80
PCI Timing 82
Pinout 27
PROM Interface 42
PROM Interface Timing 86
QMU Timing 91
Signal Groups in BMU Timing 89
Signal Groups in QMU Timing 92
Signal Groups in TLU Timing 90
System Clock Timing 74
TLU Timing 90
Diagram, Block
C-5 Network Processor 21
DS1/DS3 Ethernet Timing Description 76
DS1/DS3 Ethernet Timing Diagram 76
DS1/DS3 Timing Specifications 75
DS1/T1 Framer Interface Configuration 32
DS1/T1 Framer Interface Signals 32
E
Electrical Specifications 67
Absolute Maximum Ratings 67
Executive Processor 22
PCI 23
PROM Interface 23
Serial Bus Interface 23
System Interface Signals 39
System Interfaces 23
Executive Processor Timing Specifications 82
F
Fabric Interface Pin Mapping
Power X Mode 47
PRIZMA Mode 46
Utopia2/Utopia3 ATM Mode 45
Utopia2/Utopia3 PHY Mode 45
Fabric Processor 24
Fabric Processor Interface Signals 44
Fabric Processor Timing Description 87
Fabric Processor Timing Diagram 87
Fabric Processor Timing Specifications 86
Functional Description 19
G
General System Interface Signal 43
Gigabit Ethernet (GMII) Configuration 33
Gigabit Ethernet (GMII) Signals
One Cluster Example 34
Gigabit Ethernet (TBI) Timing Description 79, 79
Gigabit Ethernet (TBI) Timing Diagram 78
Gigabit Ethernet and FibreChannel TBI Configuration 35
Gigabit Ethernet and FibreChannel TBI Signals
Example 36
Gigabit GMII Ethernet, TBI and MII Interface Timing Specification 77
GMII/TBI Transmit and Receive Pin Configurations 34
Guide Conventions 14
I
IDcode Register 64
Instruction Register Instructions 65
J
JTAG Data Registers 63
JTAG Identification Code and Its Sub-components 65
JTAG Instruction Register 65
JTAG Internal Register Descriptions 63
JTAG Support
Pinouts 63
L
Low Speed Serial Interface Timing Description 85
Low Speed Serial Interface Timing Diagram 85
Low Speed Serial Interface Timing Specifications 84
LVPECL Specifications 29
LVTTL Specifications 29
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com