Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPD0-DS Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 15Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 16Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 17Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 18Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 19Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 20Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 21Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 22Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 100 page
background image
V 04
C5NPD0-DS/D
Rev 04
Chapter 1
FUNCTIONAL DESCRIPTION
Feature List
Complete programmability
• Programmability at all levels of the protocol stack: Layers 2-7
• Examples of C-5 enabled systems:
– Multiservice Access Platforms (MSAPs)
– Optical edge switch/routers
– IP Gigabit/Terabit routers
– WAN Customer Premises Equipment (CPE)
– Load balancing web server switches
Simple programming model
• C/C++ programmable
• Standard instruction set
• Standard Applications Programming Interface (C-Ware APITM)
• Comprehensive C-WareTM Software Toolset (easy to program, debug, and tune
applications)
Maximum system flexibility
• Software implementation of functions from physical interfaces through switching
fabric support
• Reprogram to support new functionality and ratified standards, improving your
time-in-marketTM metric
• Deliver new services to market through simple software upgrades — no forklift
Massive processing power
• Operating frequencies: 166MHz, 200MHz, and 233MHz
• 5Gbps of bandwidth (for non-blocking throughput)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com