Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPD0-DS Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 78Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 79Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 80Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 81Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 82Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 83Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 84Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 85Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 100 page
background image
82
CHAPTER 3: ELECTRICAL SPECIFICATIONS
C5NP
MDIO Serial Interface Timing Specifications
The MDIO serial interface timing is shown in Figure 19 and described in Table 47.
Figure 19 MDIO Serial Interface Timing Diagram
Tpah
PAD/P_ctl Hold
0.0
ns
Tpao
PAD/P_ctl Output
2.0
6.0
ns
Tpaz
PAD/P_ctl Clk to Tri‡
1.8
5.5
ns
Tpav
PAD/P_ctl Clk to Driven‡
1.3
5.5
ns
Tpgs
PGNTX Setup
5.1
ns
Tpgh
PGNTX Hold
0.0
ns
Tpis
PIDSEL Setup
5.0
ns
Tpih
PIDSEL Hold
0.0
ns
PRSTX**
ns
PINTA**
ns
* 66MHz PCI
† P_ctl includes all PCI control parameters including: PPAR, PFRAMEX, PTRDYX, PIRDYX,
PSTOPX, PDEVSELX, PPERRX, PSERRX
‡ Not fully tested, values based on design/characterization.
** Asynchronous
Table 46 PCI Timing Description (continued) (continued)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
Cycle 2
Cycle 3
Cycle 4
Tsic
Tsids
SICL
SIDA
(output)
SIDA
(input)
Tsods Tsodh
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com