Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPD0-DS Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 16Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 17Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 18Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 19Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 20Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 21Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 22Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 23Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 100 page
background image
20
CHAPTER 1: FUNCTIONAL DESCRIPTION
C5NP
• More than 3,000MIPs of computing power (for adding services throughout the
protocol stack)
• Up to 15 million packets per second transmitted at wire speed
• 17 programmable RISC Cores (for cell/packet forwarding)
• 32 programmable Serial Data Processors (for processing bit streams)
• Up to 133 million table lookups per second
• Three internal buses for 60Gb of aggregate bandwidth
High functional integration
• 838 pin Ball Grid Array (BGA) package
• 16 Channel Processors including:
– Embedded OC-3c, OC-12, OC-12c SONET framers
– Programmable MAC interface
– RISC Cores
– Programmable pin PHY interfaces
• Embedded coprocessors for table lookup (classification), buffer memory (payload
control), and queue management (CoS/QoS implementation)
• Dedicated Fabric Processor and port
• Embedded RISC Executive Processor
• Integrated 32bit/66MHz PCI bus
Stable programming interfaces
• Supports generic communications programming interfaces to simplify programming
and allow future reuse of code across generations of the processor
• Network Processing Forum (NPF), (formerly CPIX), Charter member
Third-party support
• Support for virtually any third-party protocol stack, PHY or fabric interface, and
industry standard tools
• Smart Networks Alliance Program ensures a wide range of verified solutions
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com