Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPD0-DS Datasheet(PDF) 68 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 68 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 64Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 65Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 66Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 67Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 68Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 69Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 70Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 71Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 72Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 100 page
background image
68
CHAPTER 3: ELECTRICAL SPECIFICATIONS
C5NP
Recommended Operating
Conditions
The recommended operating conditions describe an environment the C-5 NP network
processor is expected to encounter during normal operation. Table 35 delineates the
recommended operating parameters for the C-5 NP.
DC Characteristics
The DC electrical characteristics define the input operating conditions for proper
operation and the output responses to applied DC signals and switch characteristics over
specified voltage and temperature ranges. The DC electrical characteristics are specified
within the recommended operating conditions including operating temperature and
power supply range as stated in this data sheet. Table 36 outlines the C-5 NP DC
characteristics.
Table 35 C-5 Network Processor Recommended Operating Conditions
PARAMETER
MIN
MAX
UNIT
VDD33 Supply Voltage
3.135
3.465
V
V
DD Supply Voltage
1.7
1.9
V
I
DD33 - VDD33 Supply Current
1.5*
* Peak values to be used by power supply designer.
A
IDD - VDD Supply Current
14*
A
T
j Junction Temperature
-40
100
°C
Table 36 C-5 Network Processor DC Characteristics
PARAMETER*
MIN
MAX
UNIT
NOTES
LVTTL Input High Voltage
2.0
V
DD33+.3
V
LVTTL Input Low Voltage
-0.3
0.8
V
LVTTL Output High Voltage
2.4
V
@I
OH = -2mA
LVTTL Output Low Voltage
0.4
V
@I
OL = +2mA
LVTTL Input Current
-5
+5
µA
VIN = 0V or VDD33
LVPECL Input High Voltage
V
DD33 -1.165
V
DD33+.3V
V
LVPECL Input Low Voltage
-0.3
V
DD33 -1.475
V
LVPECL Output High Voltage
VDD33 -1.025
VDD33 -0.880
V
Load = 50ohm to
V
DD33 - 2V
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com