Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPD0-DS Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 23Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 24Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 25Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 26Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 27Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 28Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 29Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 30Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 31Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 100 page
background image
V 04
C5NPD0-DS/D
Rev 04
Chapter 2
SIGNAL DESCRIPTIONS
Signal Summary
There are ten functional groupings of signals in the C-5 network processor:
• Clock — 11 pins
• Channel Processors (CP0 - CP15) — 16x7 = 112 pins
• Executive Processor (XP) — 57 pins
– PCI Interface — 50 pins
– PROM Interface — 4 pins
– Serial Bus Interface — 2 pins
– General System Interface — 1 pin
• Fabric Processor (FP) — 80 pins
• Buffer Management Unit (BMU) — 161 pins
• Table Lookup Unit (TLU) — 100 pins
• Queue Management Unit (QMU) — 55 pins
• Power — 233 pins
• Test — 18 pins
• No connection (NC) — 11 pins
Two of the sections (CPs and FP) are configurable, depending on the type of device being
implemented.
Pinout Diagram
The C-5 NP contains 838 pins as shown in Figure 2. These pin numbers are referenced
throughout the remaining chapter.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com