Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPD0-DS Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 45Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 46Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 47Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 48Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 49Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 50Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 51Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 52Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 100 page
background image
Pin Descriptions Grouped by Function
49
V 04
TLU SRAM Interface
Signals
The TLU SRAM interface supports up to 32MBytes of SRAM at frequencies to 133MHz
using LVTTL signaling levels (in single bank-mode only) and SRAM technologies up to
64Mbits. The TLU SRAM interface signals are described in Table 24.
MDCLK
J17
1
LVTTL
I
Clock: MDCLK is driven by the system clock. All
SDRAM input signals are sampled on the positive
edge of the MDCLK. MDCLK also increments the
internal burst counter and controls the output
registers.
TOTAL PINS
161
Table 23 BMU SDRAM Interface Signals (continued)
SIGNAL NAME
PIN #
TOTAL
TYPE
I/O
SIGNAL DESCRIPTION
Table 24 TLU SRAM Interface Signals
SIGNAL NAME
PIN #
TOTAL
TYPE
I/O
SIGNAL DESCRIPTION
TD0 - TD63
N1, L1, J1, H1, M2, K2, I2, G2, N2, L2, J2, H2, L3, J3,
H3, G4, 04, M4, K4, I4, L4, J4, H4, G6, N5, L5, J5, H5,
N6, L6, I6, H6, K6, J6, M6, H7, L7, J7, H8, N8, M8, K8,
I8, G8, N7, L8, J8, H9, L9, J9, J10, G10, P9, O8, L10,
H10, O10, N9, L11, I10, M10, K10, J11, H11
64
LVTTL
I/O
TLU Memory Data
TA0 - TA21
R1, P1, S2, Q2, O2, R2, P2, R3, P3, N3, S4, Q4, R4, P4,
N4, R5, P5, S6, R6, Q6, P6, O6
22
LVTTL
O
TLU Memory Address
TA18x - TA21x
T8, Q8, R7, P7
4
LVTTL
O
Data Parity
TCE0X - TCE3X
P8, R8, S8, T9
4
LVTTL
O
TLU Memory Chip Enable
TWE0X - TWE3X
Q10, R9, S10, T10
4
LVTTL
O
TLU Memory Write Enable
TCLKI
M12
1
LVTTL
I
TLU Clock Input
TOTAL PINS
99
Table 25 Memory Bank Selection
CHIP SELECT (SIGNALS TA18X THROUGH TA21X)
SIZE
BANK 1
BANK 2
BANK 3
BANK 4
CE2
CE2X
CE2
CE2X
CE2
CE2X
CE2
CE2X
4Mbit
TA18x
TA19
TA18
TA19
TA18x
TA19x
TA18
TA19x
8Mbit
TA19x
TA20
TA19
TA20
TA19x
TA20x
TA19
TA20x
16Mbit
TA20x
TA21
TA20
TA21
TA20x
TA21x
TA20
TA21x
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com