Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPD0-DS Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 9Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 10Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 11Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 12Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 13Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 14Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 15Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 16Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 100 page
background image
V 04
C5NPD0-DS/D
Rev 04
ABOUT THIS GUIDE
Data Sheet Description
and Organization
This data sheet describes the C-5 Network processor, Version D0. It provides hardware
layout specifications including pinouts, memory configuration guidelines, timing
diagrams, power and power sequencing guidelines, thermal design guidelines, and
mechanical specifications.
The data sheet is divided into the following topics:
• Functional Description
• Signal Descriptions
• Electrical Specifications
• Mechanical Specifications
Using C-Port Electronic
Documents
C-Port electronic documents are provided as PDF files. Open and view them using the
Adobe® Acrobat® Reader application, verion 3.0 or later. If necessary, download the
Acrobat Reader from the Adobe Systems, Inc. web site:
http://www.adobe.com/prodindex/acrobat/readstep.html
Each provided PDF file offers several ways for moving among the document’s pages,
as follows:
To move quickly from section to section within the document, use the Acrobat bookmarks
that appear on the left side of the Acrobat Reader window. The bookmarks provide an
expandable ‘outline’ view of the document’s contents. To display the document’s Acrobat
bookmarks, press the ‘Display both bookmarks and page’ button on the Acrobat Reader
tool bar.
To move to the referenced page of an entry in the document’s Contents or Index, click on
the entry itself, each of which is “hot linked.”
To follow a cross-reference to a heading, figure, or table, click the blue text.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com