Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPD0-DS Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 67Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 68Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 69Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 70Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 71Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 72Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 73Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 74Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 100 page
background image
Power and Thermal Characteristics
71
V 04
Notes for Table 38:
1 Estimated power dissipation (+/-10%) is derived from measurements on the C-5 NP
Revision D00 under following conditions:
• BMU memory operating at 125MHz.
• TLU memory operating at 133MHz.
• V
DD = 1.8V, VDD33 = 3.3V, TJ at approximately 50
o C.
• “Minimum” P
D based on idle condition (clocks running and no programs
executing).
• “Typical” P
D based on test application that implements Fast Ethernet forwarding
actively running on all CPs.
• “Maximum” P
D based on projected maximum consumption for any
high-bandwidth communications application executing on all CPs, FP, and XP.
2 Thermal performance specifications based on following conditions:
• Printed circuit board is based on the C-Ware Development System’s C-5 NP Switch
Module reference design, with specifications of:
– 14 total layers (5 planes). Planes at least 100mm x 100mm below the C-5 NP
before any interruptions.
– FR4 board material, Cu signal and plane material.
– 0.5mils signal layer thickness, 1.4mils plane layer thickness.
– Thermal resistance, board to ambient (
φ
BA) of 1.2
oC/W.
• Custom heat sink design has the following characteristics:
Thermal Resistance, Junction
through Board to Ambient,
φ
JBA
6.0
See Note 2
Effective Thermal Resistance,
φ
effective
1.43
oC/W
See Note 3
Table 38 C-5 Network Processor Power and Thermal Characteristics (continued)
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com