Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPD0-DS Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 11Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 12Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 13Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 14Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 15Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 16Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 17Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 18Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 100 page
background image
Revision History
15
V 04
Warning:
This icon and text indicate a procedure where the reader must take
precautions regarding laser light.
This icon and text indicate the possibility of electro-static discharge (ESD) in a procedure
that requires the reader to take the proper ESD precautions.
Revision History
Table 2 shows the revision history for this data sheet, providing a description of the
changes.
Table 2 C-5 Network Processor Data Sheet Revision History
REVISION DATE
CHANGE
PAGE NO.
March 10, 2000
First printing for the C-5 NP.
June 12, 2000
Chapter 2 contains the following revisions:
• LVTTL and LVPECL specifications have been added.
• Several of the tables listing pin configurations have had
their descriptions updated. Check each application’s
configuration table as required.
• CPn3+1 is RCLKN (5/25/00), not NC (3/10/00)
• Mechanism for EPROM signaling has changed.
• XPUHOT functionality is clarified
• QCPA is a NC (5/25/00), not Address Parity (3/10/00)
• The power and ground connections illustration has been
updated.
Chapter 3 contains the following revisions:
• Many values listed in individual timing diagrams and
specification tables have updated or corrected. Check each
specification table as required.
• Low speed serial interface timing specifications have been
added.
• PROM I/F timing specifications are changed
17
18 - 39
25
31
31
36
38
61 - 78
71
72
June 14, 2000
QMU timing specification for Tqdo has been changed from
2.2 to 1.5.
77
July 17, 2000
Updated BMU section to reflect change to external Pipeline
Architecture, Single Data Rate Synchronous DRAM.
12
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com