Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPD0-DS Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 63Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 64Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 65Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 66Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 67Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 68Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 69Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 70Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 100 page
background image
V 04
C5NPD0-DS/D
Rev 04
Chapter 3
ELECTRICAL SPECIFICATIONS
Absolute Maximum
Ratings
Table 34 lists the absolute maximum ratings for the C-5 network processor. Stresses
beyond those listed may cause permanent damage to the device. These are stress ratings
only and do not imply that operation under any conditions other than those listed under
“Recommended Operating Conditions” (Table 35) is possible.
Exposure to conditions beyond Table 34 can:
• Reduce device reliability
• Result in premature device failure, even with no immediate sign of failure
Prolonged exposure to conditions at or near the absolute maximum ratings could also
result in reduced useful life and reliability of the C-5 NP.
Table 34 C-5 Network Processor Absolute Maximum Ratings
PARAMETER
MIN
MAX
UNIT
V
DD33 Supply Voltage (3.3V input)*†
* Voltages are relative to Ground
† Not to exceed V
DD + 2.5V
-0.5
+5
V
VDD Supply Voltage (1.8V input)*
-0.5
+2.8
V
Voltage on any pin
-0.5
V
DD33 + 0.5
V
Static Discharge Voltage
2000/500
V
Storage Temperature
-40
+125
°C
Absolute Maximum Junction Temperature
-40
+125
°C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com