Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPD0-DS Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 12Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 13Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 14Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 15Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 16Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 17Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 18Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 19Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 100 page
background image
16
C5NP
August 8, 2000
Operating temperatiure range added.
Power sequencing diagram updated.
BMU timing diagram updated.
TLU timing diagram updated.
QMU timing diagram updated.
54
56
75
77
78
March 26, 2001
Chapter 1 contains the following revisions:
• Fabric Processor Interface Frequency changed from 100
MHz to 110 MHz thruoughout.
• TLU interface memory was incorrectly noted at 64 MBytes.
Changed to 32 MBytes.
The maximum amount of memory supported by the TLU is
32MBytes in four banks.
Chapter 2 contains the following revisions:
• Buffer Management Unit (BMU) has 161 pins
• Added Figure 5. PROM Interface Timing Outline
• Added Figure 7. Observe-Only Cell
• Added Figure 8. Cell Design That Can Be Used for Both
Input and Output Pins
• PROM Interface Timing Outline added.
• Numerous changes in tables 17, 18 and 19
• Data lines incorrectly noted at 128. The useful
configuration is 139 data lines and all 12 address lines.
• The TLU SRAM interface was incorrectly noted at 64
MBytes. Changed to 32 MBytes.
Chapter 3 contains the following revisions:
• Table 40, Gigabit Ethernet (TBI) Timing Description, Tcgr
min value of -1.0 removed.
• Figure 16, OC 12 Clock Duty Cycle was added
• Tc12d added to Table 42
• Figure 17, Executive Processor PCI Timing Diagram PGNTX
is only an input. PGNTX Output removed.
• Tpgo, Tpgz, Tpgv removed from Table 43.
Chapter 4 contains the following revisions:
• Mechanical specs changed.
Thru-out
18
19
21
37
57
36
39, 40
41
42
71
73
73
74
75
Table 2 C-5 Network Processor Data Sheet Revision History
REVISION DATE
CHANGE
PAGE NO.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com