Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPD0-DS Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 25Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 26Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 27Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 28Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 29Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 30Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 31Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 32Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 100 page
background image
Pin Descriptions Grouped by Function
29
V 04
• Fabric Processor Interface Signals
• BMU SDRAM Interface Signals
• TLU SRAM Interface Signals
• QMU SRAM Interface Signals
• Power Supply Signals
• Test Signals
• No Connection Pins
LVTTL and LVPECL
Specifications
C-5 NP pins are the following types:
• Low Voltage TTL-Compatible (LVTTL). The C-5 NP’s LVTTL pins conform to the JEDEC
JESD8-B specification.
• Low Voltage Positive Emitter Coupled Logic (LVPECL). The C-5 NP’s LVPECL pins
conform to the JEDEC JESD8-2 specification.
Clock Signals
Table 5 describes the C-5 NP clock signals.
Table 5 Clock and Reference Signals
SIGNAL NAME
PIN #
TOTAL
TYPE
I/O
SIGNAL DESCRIPTION
SCLK*
SCLKX*
H15
G15
1
1
LVPECL
LVPECL
I
I
Core Clock Rate (Differential)
CCLK0
K12
1
LVTTL
I
1_544MHZ_CLK (T1)†
CCLK1
J13
1
LVTTL
I
2_048MHZ_CLK (E1)†
CCLK2
J15
1
LVTTL
I
34_368MHZ_CLK (E3)†
CCLK3
I12
1
LVTTL
I
44_736MHZ_CLK (T3)†
CCLK4
I14
1
LVTTL
I
50MHZ_CLK (100Mbit Ethernet)†
CCLK5
H13
1
LVTTL
I
106_25MHZ_CLK (Fibre Channel)†
CCLK6
K14
1
LVTTL
I
125MHZ_CLK (Gigabit Ethernet)†
CCLK7
K16
1
LVTTL
I
155_52MHZ_CLK (OC-3)†
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com