Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPD0-DS Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 65Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 66Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 67Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 68Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 69Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 70Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 71Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 72Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 100 page
background image
Power Sequencing
69
V 04
Each control input pin has a capacitance associated with it. The capacitance at the control
input is due to the package and the input circuitry connected to the pin. Capacitance is
based on these conditions: T
A = 25°C; VDD33 = 3.3V; f = 1MHz. Table 37 provides
capacitance data.
Power Sequencing
The VDD rail must be kept within 2.5V of the VDD33 rail. However, this rule can be violated
for periods up to one second, as is typical during power sequencing, as long as:
• The VDD is not clamped to ground or some other low voltage.
• The number of power cycling events averages to less than once per day over the
lifetime of the product.
It is intended that the VDD and VDD33 rail be sequenced to their final value together for
most applications.
It is also required that SCLK, SCLKX, TCLKI, PCLK, MDCLK, FTXCLK, and FRXCLK be running
or begin running during power sequencing to propagate reset inside the C-5 NP. Figure 9
indicates the relationship between the clocks and PRSTX. There is no requirement that the
asserting and deasserting edges of PRSTX be synchronous to the clocks. Reset must be
asserted within 100
µs of power initiation. Typically, reset is held low during power
initiation.
LVPECL Output Low Voltage
V
DD33 -1.810
V
DD33 -1.620
V
Load = 50ohm to
V
DD33 - 2V
LVPECL Input Current
-5
+5
µA
CPREF
V
DD33 -1.38
V
DD33 -1.26
V
Single-ended LVPECL
reference
* All voltages are relative to Ground unless otherwise indicated.
Table 37 C-5 Network Processor Capacitance Data
PARAMETER
TYPICAL
MAX
UNIT
Input/Output Pins
7
8
pF
Input Pins
6
7
pF
Clock Pins
6
7
pF
Table 36 C-5 Network Processor DC Characteristics (continued) (continued)
PARAMETER*
MIN
MAX
UNIT
NOTES
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com