Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPD0-DS Datasheet(PDF) 98 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 98 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 92Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 93Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 94Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 95Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 96Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 97Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 98Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 99Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 100Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 98 / 100 page
background image
100
INDEX
C5NP
PCI 39
Power Supply 50
PROM Interface 41
QMU SRAM Interface 50
Serial Interface 40
Serial Port 41
Test 52
TLU SRAM Interface 49
SONET OC-12 Transceiver Interface Configuration 37
SONET OC-3 Transceiver Interface Configuration 37
Specifications
10/100 Ethernet Timing 76
AC Timing 72
BMU Timing 88
Clock Timing 73
CP Timing 75
DS1/DS3 Timing 75
Electrical 67
Executive Processor Timing 82
Fabric Processor Timing 86
Gigabit GMII Ethernet, TBI and MII Interface Timing
Specification 77
Low Speed Serial Interface Timing 84
MDIO Serial Interface Timing 83
Mechanical 93
OC-12 Timing 81
OC-3 Timing 79
PCI Timing 82
PROM Interface Timing 85
QMU Timing 91
TLU Timing 90
XP Timing 82
System Clock Timing Description 74
System Clock Timing Diagram 74
System Interfaces
Executive Processor 23
T
Table Lookup Unit 25
Test Signals 52
Test Signals, Miscellaneous, For JTAG, Scan, and Internal Test
Routines 53
Thermal Performance for C-5 Network Processor Heat Sink 72
Timing Outline
PROM Interface 43
TLU Signal Groups 90
TLU SRAM Interface Signals 49
TLU Timing Description 90
TLU Timing Diagram 90
TLU Timing Specifications 90
Transceiver Interface Configuration
SONET OC-12 37
SONET OC-3 37
Transmit and Receive Pin Combinations for Gigabit Ethernet and
FibreChannel 33
U
Using C-Port Electronic Documents 13
Utopia2/Utopia3 ATM Mode, C-5 Network Processor to Fabric Interface
Pin Mapping 45
Utopia2/Utopia3 PHY Mode, C-5 Network Processor to Fabric Interface
Pin Mapping 45
X
XP Timing Specifications 82
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com