Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPD0-DS Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 66Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 67Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 68Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 69Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 70Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 71Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 72Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 73Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 100 page
background image
70
CHAPTER 3: ELECTRICAL SPECIFICATIONS
C5NP
Figure 9 Bringup Clock Timing Diagram
Power and Thermal
Characteristics
Table 38 provides the derived power and thermal characteristics for the production
version (Revision D0) of the C-5 NP.
TCLKI, PCLK,
SCLK, SCLKX,
DCLK, FTXCLK,
FRXCLK
PRSTX
‡
1ms
‡
100ms
(
(
)
)
£
100ms
VDD, VDD33
Table 38 C-5 Network Processor Power and Thermal Characteristics
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Power Dissipation, P
D
10.5
11.5
12.5
14.5
15.0
16.0
17.5
20.0
18.0
19.0
20.5
23.0
W
166MHz core clock (See Note 1)
180MHz core clock (See Note 1)
200MHz core clock (See Note 1)
233MHz core clock (See Note 1)
Maximum Junction
Temperature, T
J
100
oC
Thermal Resistance, junction
to case,
φ
JC
0.24
oC/W
See Note 2
Thermal Resistance, junction
to ambient,
φ
JA
1.87
oC/W
See Note 2
Thermal Resistance, junction
to printed circuit board,
φ
JB
4.8
oC/W
See Note 2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com