Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPD0-DS Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 40Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 41Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 42Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 43Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 44Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 45Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 46Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 47Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 100 page
background image
44
CHAPTER 2: SIGNAL DESCRIPTIONS
C5NP
Fabric Processor Interface
Signals
The FP consists of two logical signal interfaces: a receive data interface and a transmit
data interface, each with its own control and clocking signals. The interface has the
following characteristics:
• The interface clocks FRXCLK and FTXCLK can have a different frequency from the core
C-5 NP clock frequency. The Fabric Data Processor (FDP) has synchronizing FIFOs at its
interface boundary to allow for a fabric interface frequency from 10MHz to 110MHz.
• The receive clock FRXCLK and the transmit clock FTXCLK must share the same
frequency. The synchronization logic internal to the FP requires related clock domains
on the transmit and receive interfaces. Each of the two clocks can have different phase
alignment, however, because they are generated externally.
Each data bus can be run at widths of 16 or 32 bits of data (FIN0 - FIN31 and FOUT0 -
FOUT31) per clock. The extra data pins in each configuration remain unused. The output
pins are driven to a known state, and the input pins should also be pulled to a known
state.
Table 17 General System Interface Signal
SIGNAL NAME
PIN #
TOTAL
TYPE
I/O
SIGNAL DESCRIPTION
XPUHOT
J19
1
LVTTL
I
Sample at Power On Reset determines if the XP RISC Core is held in reset. Low
equals reset and High equals active. During normal operation, this is an
external interrupt.
TOTAL PINS
1
Table 18 Fabric Interface Signals
SIGNAL NAME
PIN #
TOTAL
TYPE
I/O
SIGNAL DESCRIPTION
FIN0 - FIN31
W2, V1, T1, V2, U2, V3, T3, T2, W4, V4, V5, U4, T4,
W6, V6, U6, T5, T6, V7, T7, X8, W8, V8, V9, U8, X9,
V10, U10, X10, W10, X11, V11
32
LVTTL
I
Fabric Data Bus In
FOUT0 - FOUT31
W28, V29, T29, V28, U28, V27, T27, T28, W26,
V26, V25, U26, T26, W24, V24, U24, T25, T24,
V23, T23, X22, W22, V22, V21, U22, X21, V20,
U20, X20, W20, X19, V19
32
LVTTL
O
Fabric Data Bus Out
FRXCLK
W14
1
LVTTL
I
Receive Clock
FTXCLK
W16
1
LVTTL
I
Transmit Clock
FRXCTL0 - FRXCTL6
U12, W12, V12, X12, X13, V13, X14
7
LVTTL
I, O
Receive Control Signals
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com