Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPD0-DS Datasheet(PDF) 95 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 95 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 91Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 92Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 93Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 94Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 95Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 96Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 97Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 98Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 99Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 100 page
background image
V 04
C5NPD0-DS/D
Rev 04
INDEX
Symbols
10/100 Ethernet (RMII) Configuration 32
10/100 Ethernet Signals 32
10/100 Ethernet Timing Description 77
10/100 Ethernet Timing Diagram 77
10/100 Ethernet Timing Specifications 76
A
About This Guide 13
Absolute Maximum Ratings 67
AC Timing Specifications 72
B
Block Diagram, C-5 Network Processor 21
BMU SDRAM Interface Signals 47
BMU Signal Groups 89
BMU Timing Description 89
BMU Timing Diagram 89
BMU Timing Specifications 88
Boundary Scan Cell Types 63
Boundary Scan Description Language 66
Bringup Clock Timing Diagram 70
Buffer Management Unit 24
C
C-5 Network Processor Absolute Maximum Ratings 67
C-5 Network Processor BGA Package, Bottom View 94
C-5 Network Processor BGA Package, Side View 93
C-5 Network Processor Capacitance Data 69
C-5 Network Processor DC Characteristics 68
C-5 Network Processor Power and Thermal Characteristics 70
C-5 NP Channel Processors 22
Channel Processor Interface Signals 30
Channel Processors 22
Channel Processors Physical Interface Signals and Pins
Grouped by Clusters 31
Clock and Reference Signals 29
Clock Signals 29
Clock Timing Specifications 73
Configuration
10/100 Ethernet (RMII) 32
DS1/T1 Framer Interface 32
FibreChannel TBI 35
Gigabit Ethernet 35
Gigabit Ethernet (GMII) 33
SONET OC-12 Transceiver Interface 37
SONET OC-3 Transceiver Interface 37
Configurations
GMII/TBI Transmit and Receive Pin 34
Connections
Power and Ground (Bottom View) 52
CP Timing Specifications 75
D
Data Registers
JTAG 63
Data Sheet Description and Organization 13
DC Characteristics 68
Description
Functional 19
Description Language
Boundary Scan 66
Descriptions
Signal 27
Diagram
10/100 Ethernet Timing 77
BMU Timing 89
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com