Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPD0-DS Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 41Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 42Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 43Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 44Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 45Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 46Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 47Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 48Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 100 page
background image
Pin Descriptions Grouped by Function
45
V 04
The following tables list the Fabric Interface pin mappings:
• Utopia1, Utopia2, Utopia3 ATM Mode mappings are listed in Table 19
• Utopia1, Utopia2, Utopia3 PHY Mode mappings are listed in Table 20
• PRIZMA Mode mappings are listed in Table 21 (PRIZMA mode is an example of Utopia3
PHY mode)
• Power X Mode mappings are listed in Table 22
FTXCTL0 - FTXCTL6
U18, W18, V18, X18, X17, V17, X16
7
LVTTL
I, O
Transmit Control Signals
TOTAL PINS
80
Table 18 Fabric Interface Signals (continued)
SIGNAL NAME
PIN #
TOTAL
TYPE
I/O
SIGNAL DESCRIPTION
Table 19 Utopia1*, 2*, 3 ATM Mode, C-5 Network Processor to Fabric Interface Pin Mapping
RECEIVE SIGNALS
TRANSMIT SIGNALS
C-5 NETWORK
PROCESSOR
I/O
UTOPIA
NOTE
C-5 NETWORK
PROCESSOR
I/O
UTOPIA
NOTE
FRXCTL0
Output
RxEnb*
Pullup or nc
FTXCTL0
Output
TxEnb*
Pullup or nc
FRXCTL1
Input
RxClav
Pulldown
FTXCTL1
Input
TxClav
Pulldown
FRXCTL2
Input
RxSOC
Pulldown
FTXCTL2
Output
TxSOC
Pulldown
FRXCTL3
Input
n/a
Pullup or
Pulldown
FTXCTL3
nc
nc
FRXCTL4
Input
n/a
FTXCTL4
nc
nc
FRXCTL5
Input
n/a
FTXCTL5
nc
nc
FRXCTL6
Input
RxPrty
FTXCTL6
Output
TxPrty
* cell size must be 4Byte aligned.
Table 20 Utopia1*, 2*, 3 PHY Mode, C-5 Network Processor to Fabric Interface Pin Mapping
RECEIVE SIGNALS
TRANSMIT SIGNALS
C-5 NETWORK
PROCESSOR
I/O
UTOPIA
NOTE
C-5 NETWORK
PROCESSOR
I/O
UTOPIA
NOTE
FRXCTL0
Input
TxEnb*
Pullup
FTXCTL0
Input
RxEnb*
Pullup
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com