Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPD0-DS Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 82Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 83Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 84Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 85Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 86Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 87Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 88Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 89Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 100 page
background image
86
CHAPTER 3: ELECTRICAL SPECIFICATIONS
C5NP
BMU Timing
Specifications
The BMU timing specifications are shown in Figure 23 and described in Table 51.
The BMU synchronous DRAM interface is PC100-compliant and designed to work with
industry standard SDRAM components with 12 or fewer address lines. The information
below is intended to provide the output, setup, and hold data required to design this
interface without duplicating the transaction waveform diagrams in SDRAM data sheets.
Tfrco
FRXCTL Output
1.0
3.4
ns
Tfrcz
FRXCTL Clk to Tri*
1.8
5.5
ns
Tfrcv
FRXCTL Clk to Driven*
1.3
5.5
ns
Tfrds
FIN Setup
4.0
1.5
ns
Utopia2 Mode
All other modes
Tfrdh
FIN Hold
0.5
ns
Tftc
FTX Cycle Time
9.0
ns
Tftcs
FTXCTL Setup
4.0
1.5
ns
Utopia2 Mode
All other modes
Tftch
FTXCTL Hold
0.5
ns
Tftco
FTXCTL Output
1.0
3.6
ns
Tftcz
FTXCTL Clk to Tri*
1.7
5.5
ns
Tftcv
FTXCTL Tri to Driven*
1.3
5.5
ns
Tftdo
FOUT Output
1.0
3.6
ns
* Not fully tested, values based on design/characterization.
Table 50 Fabric Processor Timing Description (continued)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
COMMENT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com