Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPD0-DS Datasheet(PDF) 84 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 84 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 80Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 81Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 82Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 83Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 84Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 85Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 86Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 87Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 88Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 100 page
background image
84
CHAPTER 3: ELECTRICAL SPECIFICATIONS
C5NP
PROM Interface Timing Specifications
The PROM interface timing is shown in Figure 21 and described in Table 49.
Figure 21 PROM Interface Timing Diagram
Tbuf
Bus Free Time Between a STOP and START Condition
1250
ns
Cmax
Capacitive load for each line of the bus
400
pF
Table 48 Low Speed Serial Interface Timing Description (continued) (continued)
SYMBOL
PARAMETER
MIN
MAX
UNIT
SPCK
Cycle 1
Cycle 2
Cycle 3
Cycle 4
Cycle 5
SPDI
SPLD
SPDO
Tspc
Tsplo
Tspis Tspih
Tspdo
Table 49 PROM Interface Timing Description
SYMBOL
PARAMETER
CLOCK MODE
MIN
TYP
MAX
UNIT
Tspc
SPCK Cycle Time
40.0
ns
Tspis
SPDI Setup
10.0
ns
Tspih
SPDI Hold
0.0
ns
Tsplo
SPLD Output
1X
Tsc*
* Tsc is the System Cycle Time. See Table 39 on page 74
Tsc + 3.0
ns
2X
2 x Tsc*
2 x Tsc + 3.0
ns
Tspdo
SPDO Output
1X
Tsc*
Tsc + 3.0
ns
2X
2 x Tsc*
2 x Tsc + 3.0
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com