Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPD0-DS Datasheet(PDF) 72 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 72 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 68Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 69Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 70Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 71Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 72Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 73Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 74Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 75Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 76Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 100 page
background image
72
CHAPTER 3: ELECTRICAL SPECIFICATIONS
C5NP
– Dimensions: 100mm x 80mm x 10mm (height)
– Thermal resistance heat sink to ambient (
φ
SA) of 1.6
oC/W @200 LFM. Figure 10
provides the characteristic thermal resistance curve for this heat sink for various
airflow rates.
– Thermal resistance case to heat sink (
φ
CS) of 0.03
oC/W (Chromerics T705
thermal material).
– Note that target heat sink design is for low profile (10mm height) applications.
Significantly better thermal performance is possible with taller and/or wider
designs. Contact your C-Port representative for heat sink options.
3 Effective Thermal Resistance (
φ
effective = φJAφJBA / (φJA + φJBA)) reflects the total thermal
performance of the heat sink and board, as outlined in Note 2 above.
Figure 10 Thermal Performance for C-5 Network Processor Heat Sink (see step 2 above)
AC Timing Specifications
AC timing specifications consist of input requirements and output responses. The input
requirements include setup and hold times, pulse widths, and high and low times. The
output responses include delays from clock to signal. The AC timing specifications are
defined separately for each interface to the C-5 NP
Unless otherwise noted, all AC specifications were tested within the functional operating
range.
0
200
400
600
800
1000
0
1
2
3
Velocity (ft/min)
Theoretical calculation of thermal resistance as a function of airflow velocity across heat sink
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com