Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPD0-DS Datasheet(PDF) 89 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 89 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 85Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 86Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 87Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 88Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 89Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 90Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 91Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 92Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 93Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 100 page
background image
AC Timing Specifications
89
V 04
QMU Timing
Specifications
The QMU timing specifications are shown in Figure 25 and described in Table 55.
Figure 25 QMU Timing Diagram
Data (TDn)
TD0 - TD63
Table 54 Signal Groups in TLU Timing Diagrams
SIGNAL GROUP
INCLUDED SIGNALS
QCLK
Cycle 1
Cycle 2
Cycle 3
Cycle 4
Cycle 5
QCMDn
(output)
QDATAn
(output)
QDATAn
(input)
Tqc
Tqdo
Tqdv
Tqdz
Tqds
Tqdh
Tqco
Table 55 QMU Timing Description
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
COMMENT
Tqc
QMU Cycle Time
2 x Tsc
4 x Tsc
ns
ns
1X Clock Mode
2X Clock Mode
Tqco
QMU Ctrl Output
1.5
1/2 Tsc + 1.0
Tsc + 1.0
ns
1X Clock Mode
2X Clock Mode
Tqds
QMU Data Setup
3.1
ns
Tqdh
QMU Data Hold
1.3
3.5
ns
Tqdo
QMU Data Output
1.5
1/2 Tsc + 1.0
Tsc + 1.0
ns
1X Clock Mode
2X Clock Mode
Tqdz
QMU Data Clk to Tri*
1.1
5.5
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com