Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C5NPD0-DS Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # C5NPD0-DS
Description  C-5 Network Processor Silicon Revision D0
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

C5NPD0-DS Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button C5NPD0-DS Datasheet HTML 79Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 80Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 81Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 82Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 83Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 84Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 85Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 86Page - Freescale Semiconductor, Inc C5NPD0-DS Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 100 page
background image
AC Timing Specifications
83
V 04
Low Speed Serial Interface Timing Specifications
The low speed serial interface timing is shown in Figure 20 and described in Table 48.
Figure 20 Low Speed Serial Interface Timing Diagram
Table 47 MDIO Serial Interface Timing Description
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
Tsic
SICL Cycle Time
40
ns
Tsids
SIDA Input Setup
10
ns
Tsidh
SIDA Input Hold
0.0
ns
Tsods
SIDA Output Setup
10
ns
Tsodh
SIDA Output Hold
10
ns
Cycle 2
Cycle 3
Tcyc
Tsu:s
Thd:d
Tsu:d
Thd:s
SICL
SIDA
Tsu:stop
Tbuf
Table 48 Low Speed Serial Interface Timing Description
SYMBOL
PARAMETER
MIN
MAX
UNIT
Tcycle
SICL Cycle Time
2500
ns
Tsu:s
Set-up Time for Repeated START Condition
600
ns
Thd:s
Hold Time START Condition
600
ns
Tsu:d
Data Set-up Time
250
ns
Thd:d
Data Hold Time
0.0
ns
Tsu:stop
Set-up Time for STOP Condition
600
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com